Part Number Hot Search : 
CY28442 R1100 TGA2505 LHC12SA3 Z86E23 TEA2130 00031 M3401
Product Description
Full Text Search
 

To Download HR1V100KC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
FEATURES
Applications for switching power supplies Load life of 5000 hours at 105C Low impedance and low ESR with high ripple current
HR Series
OUTLINE
mm D F d 8 3.5 10 5.0 0.6 13 16 7.5 0.8 18
SPECIFICATIONS
Items Capacitance Tolerance (120Hz, 25C) Rated Working Voltage Range Operation Temperature Characteristics 20% (M) 10 ~ 100Vdc -40C ~ +105C (After 3 minutes applying the DC working voltage) Leakage Current (25C)
I 0.01CV I : Leakage Current (u A) W.V. 10 13 10 0.12
C : Rated Capacitance (u F) 16 20 16 0.10 25 32 25 0.09 35 44 35 0.08
V : Working Voltage (V) 50 63 50 0.07 63 79 63 0.06 100 125 100 0.06
Surge Voltage (25C) S.V. W.V. Dissipation Factor (120Hz, 25C)
tan
For capacitance exceeding 1000 u F, add 0.02 per increment of 1000 u F W.V. - 25C / + 25C 10 ~ 16 3 6 25 ~ 100 2 4
Temperature Characteristics - 40C / + 25C
Impedance ratio at 120Hz
After 2000 hours application of WV at +105C, the capacitor shall meet the following limits: (3000 hours for 10 and 13, 5000 hours for 16 and larger) Load Test Capacitance Change tan Leakage Current 25% of initial value 150% of initial specified value initial specified value
After 1000 hours, no voltage applied at +105C, the capacitor shall meet the following limits: Capacitance Change Shelf Test tan Leakage Current 25% of initial value 150% of initial specified value 200% of initial specified value
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
DIMENSIONS
WV uF 47 68 100 220 330 470 680 1000 1500 2200 3300 4700 [ 8 x 12 8 x 14 8 x 16 10 x 16 10 x 20 13 x 20 13 x 25 13 x 30 13 x 40 8 x 12 8 x 14 8 x 16 10 x 16 10 x 20 13 x 20 13 x 25 13 x 30 13 x 40 16 x 35 ] 8 x 12 10 x 16 10 x 16 10 x 20 13 x 20 13 x 25 13 x 30 13 x 40 16 x 41 18 x 41 10 16 25 35 ] 8 x 12 8 x 14 10 x 16 10 x 20 13 x 20 13 x 25 13 x 30 13 x 40 16 x 41 18 x 41 50 8 x 12 8 x 14 10 x 16 10 x 20 13 x 20 13 x 25 13 x 30 13 x 40 16 x 41 63 8 x 14 10 x 16 10 x 16 13 x 20 13 x 25 13 x 30 16 x 35 18 x 35
D x L (mm)
100 10 x 20 13 x 20 13 x 25 16 x 31 16 x 35 16 x 41
PERMISSIBLE RIPPLE CURRENT
WV uF 47 68 100 220 330 470 680 1000 1500 2200 3300 4700 370 480 610 780 1040 1430 1700 2090 2450 ] 0.440 0.310 0.220 0.150 0.100 0.090 0.069 0.055 0.048 250 420 580 730 970 1310 1600 1980 2450 2680 0.650 0.290 0.210 0.160 0.110 0.080 0.065 0.059 0.048 0.042 310 600 780 1010 1320 1670 1900 2510 2800 3010 ] 0.400 0.200 0.170 0.120 0.075 0.068 0.058 0.050 0.040 0.036 314 420 660 1020 1180 1500 1970 2300 2710 3050 Item RC 10 Imp RC 16 Imp RC 25 Imp RC 35 Imp ] 0.370 0.310 0.180 0.130 0.097 0.072 0.062 0.042 0.040 0.035 RC 278 375 560 970 1150 1465 1850 2080 2370
RC: mA (rms) at 100KHz 105C Imp: m (ohm) at 100KHz 25C
50 Imp 0.600 0.350 0.270 0.150 0.120 0.092 0.068 0.055 0.032 RC 350 470 600 1040 1330 1700 2050 2330 63 Imp 0.480 0.330 0.260 0.140 0.110 0.088 0.065 0.049 RC 500 610 790 1200 1710 2080 100 Imp 0.410 0.280 0.230 0.130 0.098 0.082
LOAD LIFE
Hz
RIPPLE CURRENT COEFFICIENTS
Temperature(C) Multiplier 45 2.40 65 2.15 85 1.70 105 1.00
uF 47 ~ 330 39 ~ 1000 1000 ~ 4700
60(50) 0.60 0.65 0.75
120 0.70 0.75 0.80
1K 0.85 0.90 0.95
10K 0.95 0.98 1.00
100K 1.00 1.00 1.00
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


▲Up To Search▲   

 
Price & Availability of HR1V100KC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X